Part Number Hot Search : 
XW6822 PS2651L2 PL3502JP 10A20 SIZ916DT ZMM7V5 11001 MAX44
Product Description
Full Text Search
 

To Download 2832661 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phoenix contact deutschland gmbh page 1 / 5 http://www.phoenixcontact.de feb 4, 2011 extract from the online catalog ? fl switch sf 15tx/fx order no.: 2832661 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2832661 ? ? ethernet switch, 15 tp rj45 ports, 1 fo port, 100 mbps full duplex in sc-d format, automatic detection of data transmission speed of 10 or 100 mbps (rj45), autocrossing function ? commercial data gtin (ean) 4 017918 952235 sales group k000 pack 1 pcs. customs tariff 85176200 catalog page information page 199 (ax-2009) product notes weee/rohs-compliant since: 10/21/2008 http:// www.download.phoenixcontact.com please note that the data given here has been taken from the online catalog. for comprehensive information and data, please refer to the user documentation. the general terms and conditions of use apply to internet downloads. technical data interfaces interface ethernet (rj45) no. of ports 15 (rj45 ports) type of connection rj45 female connector, auto negotiation and autocrossing
fl switch sf 15tx/fx order no.: 2832661 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2832661 phoenix contact deutschland gmbh page 2 / 5 http://www.phoenixcontact.de feb 4, 2011 transmission physics ethernet in rj45 twisted pair transmission speed 10/100 mbit/s (rj45) transmission length 100 m (per segment) signal leds data receive, link status interface fiber optic interface no. of ports 1 (fo port) type of connection sc-duplex transmission physics multimode glass fiber transmission speed 100 mbit/s (sc-d, full duplex) transmission length 6400 m (glass fiber with f-g 50/125 0.7 db/km f1200) interface potential-free signaling contact type of connection plug-in/screw connection via combicon function basic functions unmanaged switch / autonegotiation, complies with ieee 802.3, store and forward switching mode status and diagnostic indicators leds: u s1 , u s2 (redundant voltage supply), link and activity per port network expansion parameters cascading depth network, linear, and star structure: any maximum conductor length ((twisted pair) 100 m supply voltage supply voltage 24 v dc residual ripple 3.6 v pp (within the permitted voltage range) supply voltage range 18.5 v dc ... 30.2 v dc typical current consumption typ. 330 ma general data weight 380 g width 205 mm height 115.3 mm depth 30 mm degree of protection ip20 ambient temperature (operation) 0 c ... 55 c ambient temperature (storage/transport) -20 c ... 70 c permissible humidity (operation) 5 % ... 95 % (no condensation)
fl switch sf 15tx/fx order no.: 2832661 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2832661 phoenix contact deutschland gmbh page 3 / 5 http://www.phoenixcontact.de feb 4, 2011 permissible humidity (storage/transport) 5 % ... 95 % (no condensation) air pressure (operation) 86 kpa ... 108 kpa (up to 1500 m above mean sea level) air pressure (storage/transport) 66 kpa ... 108 kpa (up to 3500 m above mean sea level) housing material aluminum noise emission en 61000-6-4 noise immunity en 61000-6-2:2005 conformity with emc directives developed in acc. with standard iec 61000-6.2 test standard iec 61000-4-2 (esd) test result criterion b test standard iec 61000-4-3 (immunity to radiated interference) test result criterion a test standard iec 61000-4-4 (burst) test result criterion a test standard iec 61000-4-5 (surge) test result criterion a test standard iec 61000-4-6 (immunity to conducted interference) test result criterion a test standard iec 61000-4-8 (immunity to magnetic fields) test result criterion a test standard en 55022 (emitted interference) test result criterion a certificates / approvals certification cul, ul certification ex: cul-ex lis, ul-ex lis
fl switch sf 15tx/fx order no.: 2832661 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2832661 phoenix contact deutschland gmbh page 4 / 5 http://www.phoenixcontact.de feb 4, 2011 accessories item designation description cable/conductor 2744830 fl cat5 flex cat5-sf/utp cable (j-li02ys(st)c h 2 x 2 x 26 awg), light- duty, flexible installation cable 2 x 2 x 0.14 mm2, stranded, shielded, outer sheath: 5.75 mm 0.15 mm diameter 2744814 fl cat5 heavy cat5-sf/utp cable (j-02ys(st)c hp 2 x 2 x 24 awg), heavy- duty installation cable, 2 x 2 x 0.22 mm2, solid conductor, shielded, outer sheath: 7.8 mm diameter, inner sheath: 5.75 mm 0.15 mm diameter plug/adapter 2744571 fl plug rj45 gn/2 rj45 connector, shielded, with bend protection sleeve, 2 pieces, green for crossed cables, for assembly on site. for connections that are crossed, it is recommended that the connector set with green bend protection sleeves is used. 2744856 fl plug rj45 gr/2 rj45 connector, shielded, with bend protection sleeve, 2 pieces, gray for straight cables, for assembly on site. for connections that are not crossed, it is recommended that you use the connector set with gray bend protection sleeve. tools 2744869 fl crimptool crimping pliers, for assembling the rj45 connectors fl plug rj45..., for assembly on site
fl switch sf 15tx/fx order no.: 2832661 http://eshop.phoenixcontact.de/phoenix/treeviewclick.do?uid=2832661 phoenix contact deutschland gmbh page 5 / 5 http://www.phoenixcontact.de feb 4, 2011 address phoenix contact deutschland gmbh flachsmarktstr. 8 32825 blomberg,germany phone +49 5235 3 12000 fax +49 5235 3 41200 http://www.phoenixcontact.de ? 2011 phoenix contact technical modifications reserved;


▲Up To Search▲   

 
Price & Availability of 2832661

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X